Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1608-FSL18NJ Datasheet (PDF) - TOKO, Inc

LL1608-FSL18NJ Datasheet PDF - TOKO, Inc
Part # LL1608-FSL18NJ
Download  LL1608-FSL18NJ Download
File Size   262.19 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1608-FSL18NJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LL1608-FSL18NJ Datasheet PDF - TOKO, Inc

Part # LL1608-FSL18NJ
Download  LL1608-FSL18NJ Click to download

File Size   262.19 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1608-FSL18NJ Datasheet (HTML) - TOKO, Inc


LL1608-FSL18NJ Product details

Multilayer Chip Inductors

The LL1608-FSL Series is a multilayer ceramic chip inductor with an EIA standard 0603 footprint, lead-free terminations, and expanded electrical specifications with respect to inductance, Q, and self-resonant frequency.

Features
• Inductance range: 1.2-270nH (E-12 Series)
• Miniature size: 0603 footprint (1.6mm x 0.8mm)
• Inductance specified at 100MHz and 800MHz
• Laminated ceramic allows high SRF
• Self-resonant frequency specified at ±15%
• Q: 10 ~ 80 typical (at 1800MHz)
• High current handling, up to 1A
• Temperature coefficient of inductance: +250ppm/°C
• Temperature range: –40°C to +100°C
• S-parameter data available upon request
• Packaged on tape and reel in 4,000 piece quantity
• Reflow solderable
• Lead-free terminations




Similar Part No. - LL1608-FSL18NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608-FSL18NJ TOKO-LL1608-FSL18NJ Datasheet
377Kb / 2P
Multilayer Chip Inductors
More results


Similar Description - LL1608-FSL18NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com