Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XOB53 Datasheet (PDF) - EUROQUARTZ limited

XOB53 Datasheet PDF - EUROQUARTZ limited
Part # XOB53
Download  XOB53 Download
File Size   207.17 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 5.0 x 3.2 x 1.2mm SMD HCMOS

XOB53 Datasheet (PDF)

Go To PDF Page Download Datasheet
XOB53 Datasheet PDF - EUROQUARTZ limited

Part # XOB53
Download  XOB53 Click to download

File Size   207.17 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 5.0 x 3.2 x 1.2mm SMD HCMOS

XOB53 Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - XOB53

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
3.2 x 2.5 x 0.95mm SMD HCMOS
More results


Similar Description - XOB53

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G534 EUROQUARTZ-G534 Datasheet
237Kb / 1P
5 x 3.2 x 1.2mm 4 pad SMD
XO32 EUROQUARTZ-XO32 Datasheet
240Kb / 1P
3.2 x 2.5 x 0.95mm SMD HCMOS
G536 EUROQUARTZ-G536 Datasheet
120Kb / 2P
5.0 x 3.2 x 1.2mm 6 pad SMD
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
5 x 3.2 x 2.2mm SMD HCMOS
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
5.0 x 3.2 x 0.9mm SMD
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
3.2 x 2.5 x 0.95mm SMD HCMOS
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com