Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

901-10011 Datasheet (PDF) - Amphenol Corporation

901-10011 Datasheet PDF - Amphenol Corporation
Part # 901-10011
Download  901-10011 Download
File Size   57.97 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Straight Cable Plugs

901-10011 Datasheet (PDF)

Go To PDF Page Download Datasheet
901-10011 Datasheet PDF - Amphenol Corporation

Part # 901-10011
Download  901-10011 Click to download

File Size   57.97 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Straight Cable Plugs

901-10011 Datasheet (HTML) - Amphenol Corporation


901-10011 Product details

Description
SMA is an acronym for SubMiniature version A and was developed in the 1960’s. It uses a threaded interface. 50 Ω SMA connectors are semi-precision, subminiature units that provide excellent electrical performance from DC to 18 GHz. These high-performance connectors are compact in size and mechanically have outstanding durability.
For phase array radar, test equipment, ILS landing systems and other instrumentation using phase matching techniques, these SMA connectors for semi-rigid coaxial cables and the SMA Plug-to-Jack adapter offer a precise and simple means of phase adjustment for microwave devices. Built in accordance with MIL-C-39012 and CECC 22110/111, SMA connectors can be mated with all connectors that meet these interface specifcations, regardless of manufacturer.
SMA is available both in Standard and Reverse Polarity. Reverse polarity is a keying system accomplished with a reverse interface, and ensures that reverse polarity interface connectors do not mate with standard interface connectors. Amphenol accomplish es this by inserting female contacts into plugs and male contacts into jacks.

Features/Benefts
• Broadband performance DC to 18 GHz with low reflection stainless steel
   construction and ¼-36 threaded coupling.
• Brass SMA available in nickel or gold plating which provides approximately
   30% cost reduction with 100 mating cycles.
• Available for .085” and .141” diameter semi-rigid cables and all the standard
   flexible cables including double shielded RG-316.
• Phase Adjustable SMA connectors provide ease of mechanical screw adjustments.

Applications
   • Base Stations     • Process Controls
   • Cable Assemblies    • PC/LAN
   • Instrumentation      • Telecom
   • Mil/Aero




Similar Part No. - 901-10011

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
901-10107 AMPHENOL-901-10107 Datasheet
2Mb / 6P
EASY SNAP-ON/OFF MATING
901-10119 AMPHENOL-901-10119 Datasheet
2Mb / 6P
EASY SNAP-ON/OFF MATING
901-10129 AMPHENOL-901-10129 Datasheet
2Mb / 6P
EASY SNAP-ON/OFF MATING
901-10510-1 AMPHENOL-901-10510-1 Datasheet
250Kb / 1P
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
901-10510-2 AMPHENOL-901-10510-2 Datasheet
255Kb / 1P
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
More results


Similar Description - 901-10011

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-001-06C5-3PN GLENAIR-803-001-06C5-3PN Datasheet
163Kb / 2P
Bayonet Cable Plugs
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
DBCRJ45P88R DUBILIER-DBCRJ45P88R Datasheet
122Kb / 1P
MODULAR PLUGS - ROUND CABLE
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
31-5800 AMPHENOL-31-5800 Datasheet
53Kb / 1P
Cable Plugs
031-5911-RFX AMPHENOL-031-5911-RFX Datasheet
95Kb / 1P
BNC 50 ohm Angle Cable Plugs
logo
Tyco Electronics
2-1437426-5 MACOM-2-1437426-5 Datasheet
1Mb / 29P
Straight Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
logo
Switchcraft, Inc.
CA761KS07984 SWITCH-CA761KS07984 Datasheet
244Kb / 2P
CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
logo
Hosiden Corporation
TCP8500 HOSIDEN-TCP8500 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com