Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHT-1-10-01 Datasheet (PDF) - Samtec, Inc

EHT-1-10-01 Datasheet PDF - Samtec, Inc
Part # EHT-1-10-01
Download  EHT-1-10-01 Download
File Size   472.83 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SHROUDED IDC EJECTOR HEADER

EHT-1-10-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
EHT-1-10-01 Datasheet PDF - Samtec, Inc

Part # EHT-1-10-01
Download  EHT-1-10-01 Click to download

File Size   472.83 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SHROUDED IDC EJECTOR HEADER

EHT-1-10-01 Datasheet (HTML) - Samtec, Inc




Similar Part No. - EHT-1-10-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHT-105-01-F-D SAMTEC-EHT-105-01-F-D Datasheet
170Kb / 1P
SHROUDED IDC EJECTOR HEADER
EHT-105-01-F-D-RA-FR SAMTEC-EHT-105-01-F-D-RA-FR Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
EHT-105-01-F-D-RA-FR SAMTEC-EHT-105-01-F-D-RA-FR Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
EHT-105-01-F-D-RA-K SAMTEC-EHT-105-01-F-D-RA-K Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
EHT-105-01-F-D-RA-K SAMTEC-EHT-105-01-F-D-RA-K Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
More results


Similar Description - EHT-1-10-01

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A16 DBLECTRO-A16 Datasheet
317Kb / 1P
SHROUDED HEADER IDC TYPE
logo
Dubilier
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
IDC SHROUDED LATCHED HEADER 2.00mm
logo
Samtec, Inc
STMM-120-02-S-D-SM-LC SAMTEC-STMM-120-02-S-D-SM-LC Datasheet
764Kb / 1P
SHROUDED IDC HEADER & STACKER
EHF-105-01-L-D-SM-K SAMTEC-EHF-105-01-L-D-SM-K Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
ESHF-115-01-L-D-SM SAMTEC-ESHF-115-01-L-D-SM Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHF-113-01-L-D SAMTEC-EHF-113-01-L-D Datasheet
426Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHT-113-01-S-D SAMTEC-EHT-113-01-S-D Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
SHF SAMTEC-SHF Datasheet
179Kb / 1P
SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com