Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3221E Datasheet (PDF) - Intersil Corporation

ICL3221E Datasheet PDF - Intersil Corporation
Part # ICL3221E
Download  ICL3221E Download
File Size   699.7 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers

ICL3221E Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3221E Datasheet PDF - Intersil Corporation

Part # ICL3221E
Download  ICL3221E Click to download

File Size   699.7 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers

ICL3221E Datasheet (HTML) - Intersil Corporation


ICL3221E Product details

The Intersil ICL32xxE devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232
and V.28/V.24 specifications, even at VCC = 3.0V.
Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and notebook
and laptop computers where the low operational, and
even lower standby, power consumption is critical.
Efficient on-chip charge pumps, coupled with manual and
automatic power-down functions (except for the
ICL3232E), reduce the standby supply current to a 1µA
trickle. Small footprint packaging, and the use of small,
low value capacitors ensure board space savings as well.
Data rates greater than 250kbps are guaranteed at worst
case load conditions. This family is fully compatible with
3.3V-only systems, mixed 3.3V and 5.0V systems, and
5.0V-only systems.
The ICL324XE are 3-driver, 5-receiver devices that
provide a complete serial port suitable for laptop or
notebook computers. Both devices also include
noninverting always-active receivers for “wake-up”
capability.
The ICL3221E, ICL3223E and ICL3243E, feature an
automatic power-down function which powers down
the on-chip power-supply and driver circuits. This occurs
when an attached peripheral device is shut off or the
RS-232 cable is removed, conserving system power
automatically without changes to the hardware or
operating system. These devices power up again when a
valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the devices
represented by this data sheet, while Application Note
AN9863 summarizes the features of each device
comprising the ICL32xxE 3V family.

Features
• ESD Protection for RS-232 I/O Pins to ±15kV
(IEC61000)
• Drop in Replacements for MAX3221E, MAX3222E,
MAX3223E, MAX3232E, MAX3241E, MAX3243E,
SP3243E
• ICL3221E is a Low Power, Pin Compatible Upgrade
for 5V MAX221E
• ICL3222E is a Low Power, Pin Compatible Upgrade
for 5V MAX242E, and SP312E
• ICL3232E is a Low Power Upgrade for HIN232E,
ICL232 and Pin Compatible Competitor Devices
• RS-232 Compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four
External 0.1µF Capacitors
• Manual and Automatic Power-Down Features
• Guaranteed Mouse Driveability (ICL324xE Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate. . . . . . . . 250kbps
• Wide Power Supply Range . . . . Single +3V to +5.5V
• Low Supply Current in Power-Down State . . . . . 1µA
• Pb-Free Available (RoHS Compliant)

Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable
Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Digital Cameras
- Cellular/Mobile Phones




Similar Part No. - ICL3221E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221E INTERSIL-ICL3221E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)
More results


Similar Description - ICL3221E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
June 2004
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com