Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136 Datasheet (PDF) - Everlight Electronics Co., Ltd

6N136 Datasheet PDF - Everlight Electronics Co., Ltd
Part # 6N136
Download  6N136 Download
File Size   1071.56 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER

6N136 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N136 Datasheet PDF - Everlight Electronics Co., Ltd

Part # 6N136
Download  6N136 Click to download

File Size   1071.56 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER

6N136 Datasheet (HTML) - Everlight Electronics Co., Ltd


6N136 Product details

Description
The 6N135, 6N136, EL4502 and EL4503 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor.
The devices are packaged in an 8-pin DIP package and available in wide-lead spacing and SMD option.

Features
• High speed 1Mbit/s
• High isolation voltage between input and output (Viso=5000 Vrms )
• Guaranteed performance from 0°C to 70°C
• Wide operating temperature range of -55°C to 100°C
• Pb free and RoHS compliant
• UL approved (No. 214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2037145)

Applications
• Line receivers
• Telecommunication equipments
• Power transistor isolation in motor drives
• Replacement for low speed phototransistor photo couplers
• Feedback loop in switch-mode power supplies
• Home appliances
• High speed logic ground isolation




Similar Part No. - 6N136

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
logo
Siemens Semiconductor G...
6N136 SIEMENS-6N136 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
606Kb / 12P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N136 HP-6N136 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
More results


Similar Description - 6N136

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
Aug 10, 2013
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com