Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F912 Datasheet (PDF) - Silicon Laboratories

C8051F912 Datasheet PDF - Silicon Laboratories
Part # C8051F912
Download  C8051F912 Download
File Size   61.75 Kbytes
Page   3 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Ultra-Low Power, High-Performance MCU

C8051F912 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F912 Datasheet PDF - Silicon Laboratories

Part # C8051F912
Download  C8051F912 Click to download

File Size   61.75 Kbytes
Page   3 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Ultra-Low Power, High-Performance MCU

C8051F912 Datasheet (HTML) - Silicon Laboratories


C8051F912 Product details

System Overview

C8051F91x-C8051F90x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.



• Single/Dual Battery operation with on-chip dc-dc boost converter.

• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• 10-bit 300 ksps or 12-bit 75 ksps single-ended ADC with analog multiplexer

• 6-Bit Programmable Current Reference. Resolution can be increased with PWM.

• Precision programmable 24.5 MHz internal oscillator with spread spectrum technology.

• 16 kB or 8 kB of on-chip Flash memory

• 768 bytes of on-chip RAM

• SMBus/I2C, Enhanced UART, and two Enhanced SPI serial interfaces implemented in hardware

• Four general-purpose 16-bit timers

• Programmable Counter/Timer Array (PCA) with six capture/compare modules and Watchdog Timer function

• On-chip Power-On Reset, VDD Monitor, and Temperature Sensor

• Two On-chip Voltage Comparators with 15 Capacitive Touch Sense inputs.

• 16 Port I/O (5 V tolerant)



With on-chip Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the C8051F91x C8051F90x devices are truly stand-alone System-on-a-Chip solutions. The Flash memory can be reprogrammed even in-circuit, providing non-volatile data storage, and also allowing field upgrades of the 8051 firmware. User software has complete control of all peripherals, and may individually shut down any or all peripherals for power savings.



Ultra-Low Power

   - 160 uA/MHz in active mode (24.5 MHz clock)

   - 2 us wake-up time (two-cell mode)

   - 10 nA sleep mode with memory retention;

   - 50 nA sleep mode with brownout detector

   - 300 nA sleep mode with LFO (‘F912/02 only)

   - 600 nA sleep mode with external crystal

Supply Voltage 0.9 to 3.6 V

   - One-cell mode supports 0.9 to 1.8 V operation (‘F911/01). ‘F912 and ‘F902 devices can operate from 0.9 to 3.6 V continuously

   - Two-cell mode supports 1.8 to 3.6 V operation

   - Built-in dc-dc converter with 1.8 to 3.3 V output for use in one-cell mode

   - Built-in LDO regulator allows a high analog supply voltage and low digital core voltage

   - 2 built in supply monitors (brownout detectors) 12-Bit or 10-Bit Analog to Digital Converter

   - ±1 LSB INL (10-bit mode); ±1.5 LSB INL (12-bit mode, ‘F912/02 only) no missing codes

   - Programmable throughput up to 300 ksps (10-Bit Mode) or 75 ksps (12-bit mode, ‘F912/02 only)

   - Up to 15 external inputs

   - On-chip voltage reference

   - On-Chip PGA allows measuring voltages up to twice the reference voltage

   - 16-bit auto-averaging accumulator with burst mode provides increased ADC resolution

   - Data dependent windowed interrupt generator

   - Built-in temperature sensor

Two Comparators

   - Programmable hysteresis and response time

   - Configurable as wake-up or reset source

   - Up to 15 Capacitive Touch Sense Inputs 6-Bit Programmable Current Reference

   - Up to ±500 µA. Can be used as a bias or for generating a custom reference voltage

   - PWM enhanced mode on ‘F912/02 devices

High-Speed 8051 µC Core

   - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks

   - Up to 25 MIPS throughput with 25 MHz clock

   - Expanded interrupt handler Memory

   - 768 bytes RAM

   - 16 kB (‘F912/1), or 8 kB (‘F902/1) Flash; In-system programmable

Digital Peripherals

   - 16 port I/O; All 5 V tolerant with high sink current and programmable drive strength

   - Hardware SMBus™ (I2C™ Compatible), 2 x SPI™, and UART serial ports available concurrently

   - Four general purpose 16-bit counter/timers

   - Programmable 16-bit counter/timer array with six capture/compare modules and watchdog timer

Clock Sources

   - Internal oscillators: 24.5 MHz, 2% accuracy supports UART operation; 20 MHz low power oscillator requires very little bias current.

   - External oscillator: Crystal, RC, C, or CMOS clock

   - SmaRTClock oscillator: 32 kHz crystal or internal low frequency oscillator (‘F912/02) or self-oscillate mode

   - Can switch between clock sources on-the-fly; useful in implementing various power saving modes

On-Chip Debug

   - On-chip debug circuitry facilitates full-speed, nonintrusive in-system debug (no emulator required)

   - Provides 4 breakpoints, single stepping

   - Inspect/modify memory and registers

   - Complete development kit

Packages

   - 24-pin QFN (4 x 4 mm)

   - 24-pin QSOP (easy to hand-solder)

   - Tested die available

Temperature Range: –40 to +85 °C



 




Similar Part No. - C8051F912

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F912 SILABS-C8051F912 Datasheet
53Kb / 2P
25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F912 SILABS-C8051F912 Datasheet
51Kb / 2P
Ultra Low Power, High-Performance MCU
C8051F912-D-GDI SILABS-C8051F912-D-GDI Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F912-D-GU SILABS-C8051F912-D-GU Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
More results


Similar Description - C8051F912

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
Ultra Low Power, High-Performance MCU
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
SI102X SILABS-SI102X Datasheet
4Mb / 538P
Ultra Low Power 128K, LCD MCU Family
logo
Axiomtek Co., Ltd.
NA-812A AXIOMTEK-NA-812A Datasheet
316Kb / 1P
Ultra low power and high performance
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
Ultra low power and high performance
logo
STMicroelectronics
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com