Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI32260 Datasheet (PDF) - Silicon Laboratories

SI32260 Datasheet PDF - Silicon Laboratories
Part # SI32260
Download  SI32260 Download
File Size   102.9 Kbytes
Page   3 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Single-Chip Dual ProSLIC

SI32260 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI32260 Datasheet PDF - Silicon Laboratories

Part # SI32260
Download  SI32260 Click to download

File Size   102.9 Kbytes
Page   3 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Single-Chip Dual ProSLIC

SI32260 Datasheet (HTML) - Silicon Laboratories


SI32260 Product details

Description
The Si32260/1 Dual ProSLIC® devices, in a single package, implement two complete foreign exchange station (FXS) telephony interfaces. The Si32260/1 devices operate from a 3.3 V supply
and have standard PCM/SPI or GCI bus digital interfaces. A pair of built-in dc-dc converter controllers can be used to automatically generate the optimal battery voltage required for each line-state, optimizing efficiency and minimizing heat generation.

Si32260/61 Features
Two complete FXS channels in 8 x 8 mm
Performs all BORSCHT functions
Ideal for short- or long-loop applications
Ultra low power consumption
Internal balanced or unbalanced ringing
Patented low power ringing
Adaptive ringing
Simplified configuration and diagnostics
Supported by ProSLIC API
GR-909 loop diagnostics
Audio diagnostics with loopback
Integrated test load
Wideband voice support
On-hook transmission
Loop or ground start operation
Smooth polarity reversal
Pulse metering
PCM and SPI bus digital interfaces with programmable interrupts
Software-programmable parameters:
Ringing frequency, amplitude, cadence, and waveshape
Two-wire ac impedance
Transhybrid balance
DC current loop feed (10–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
Integrated dc-dc controllers with direct connection to MOSFET
Three high voltage supply options
Full tracking
Tracking shared supplies
Fixed rail
DTMF generator/decoder
A-Law/µ-Law companding, linear PCM
GCI/IOM-2 mode support
3.3 V operation
Pb-free/RoHS-compliant packaging

Applications
VoIP gateways and routers
xDSL IADs
Optical Network Terminals/Units (ONT/U)
Analog Terminal Adapters (ATA)
Cable eMTA
Wireless Fixed Terminals (WFT)
Wireless Local Loop (WLL)
WiMAX CPE
Private Branch Exchange (PBX)
VoIP MDU gateways




Similar Part No. - SI32260

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
Silicon Laboratories
Si32260-C-FM SILABS-Si32260-C-FM Datasheet
41Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
Si32260-C-FM1 SILABS-Si32260-C-FM1 Datasheet
41Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
Si32260-C-GM SILABS-Si32260-C-GM Datasheet
41Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
Si32260-C-GM1 SILABS-Si32260-C-GM1 Datasheet
41Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
More results


Similar Description - SI32260

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
logo
Skyworks Solutions Inc.
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com