| Manufacturer | Part # | Datasheet | Description |
 CAMBION Electronic Comp... |
460-3299
|
28Kb / 1P |
Crimp connector pin, .080 (2,03) diameter pin
|
 Molex Electronics Ltd. |
0508967112
|
88Kb / 2P |
Wire Pin Terminal, Type A, for 22-16 AWG Wire, Pin Size 1.70mm (.067") Round
|
 Tyco Electronics |
182926
|
74Kb / 1P |
C.P.C. PLUG ASSY FOR PIN CONTACTS SIZE 23-37, REV. SEX
|
 Amphenol Corporation |
VN010160011
|
76Kb / 3P |
Crimp contacts Pin
|
 Glenair, Inc. |
233-344
|
137Kb / 1P |
Size 22 Pin or Socket Contacts
|
|
850-019-22
|
126Kb / 1P |
Size 22 Pin Contact with Expanded Wire Accommodation
|
 Japan Aviation Electron... |
KN01P10KLH5
|
95Kb / 3P |
CONN #22 SIZE PIN CONTACT FOR 24
|
 TE Connectivity Ltd |
41854
|
397Kb / 4P |
Crimp Wire Pins, Tabs & Ferrules, Receptacle, Pin Diameter 2.36 mm [.093 in], 22 – 18 AWG Wire Size, .3 – .8 mm² Wire Size, 642 –1624 CMA Wire Size
09/30/2022 |
 Molex Electronics Ltd. |
1731121736
|
14Kb / 1P |
FCT Locator for Size 22 Contacts, Plug
09/06/2022 |
|
1731121737
|
28Kb / 1P |
FCT Locator for Size 22 Contacts, Socket
08/25/2022 |