Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL71A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

2CL71A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # 2CL71A
Download  2CL71A Download
File Size   202.49 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?

2CL71A Datasheet (PDF)

Go To PDF Page Download Datasheet
2CL71A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2CL71A
Download  2CL71A Click to download

File Size   202.49 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?

2CL71A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


2CL71A Product details

2CL69A—75A Series of high-voltage diode with high reliability of the table structure and diffusion process, epoxy resin vacuum poured into a closed package shape.

■ Features
• avalanche characteristics
• More dimensions are available
• epoxy resin vacuum packaging, the surface with corrosion resistance
• Working temperature -40 ℃ - + 175 ℃

■ Application
• general high voltage power supply rectifier, double pressure device
• high voltage generator
• High pressure test device




Similar Part No. - 2CL71A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
American Microsemicondu...
2CL71A AMMSEMI-2CL71A Datasheet
673Kb / 2P
GERMANIUM PNP MESA TRANSISTORS
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
625Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Diotec Semiconductor
2CL71A DIOTEC-2CL71A Datasheet
148Kb / 2P
Ultrafast Recovery High Voltage Rectifier Diodes
More results


Similar Description - 2CL71A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
logo
Asahi Kasei Microsystem...
CQ-2093 AKM-CQ-2093 Datasheet
487Kb / 12P
遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
logo
Shenzhen Luguang Electr...
CL08-10 LUGUANG-CL08-10 Datasheet
189Kb / 2P
?뗩쳵?뗧죪?녽뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
Cree, Inc
CPW3-1700S025_CN CREE-CPW3-1700S025_CN Datasheet
536Kb / 3P
閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
CPW3-1700S010_CN CREE-CPW3-1700S010_CN Datasheet
539Kb / 3P
閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
CPW2-1200S050_CN CREE-CPW2-1200S050_CN Datasheet
520Kb / 3P
閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
logo
Seaward Electronics Inc...
SE9025 SEAWARD-SE9025 Datasheet
516Kb / 7P
SE9025??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
SE9120 SEAWARD-SE9120 Datasheet
293Kb / 6P
SE9120??툜?②?溫←쉪訝랺E9020?띶릦鵝욜뵪?꾥뒸?
SE9050 SEAWARD-SE9050 Datasheet
520Kb / 7P
SE9050??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com