Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM12 Datasheet (PDF) - Union Semiconductor, Inc.

SM12 Datasheet PDF - Union Semiconductor, Inc.
Part # SM12
Download  SM12 Download
File Size   134.3 Kbytes
Page   5 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description Low Capacitance Dual Line ESD Protection Diode Array

SM12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM12 Datasheet PDF - Union Semiconductor, Inc.

Part # SM12
Download  SM12 Click to download

File Size   134.3 Kbytes
Page   5 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description Low Capacitance Dual Line ESD Protection Diode Array

SM12 Datasheet (HTML) - Union Semiconductor, Inc.


SM12 Product details

General Description
The SM12/SM15 of transient voltage suppressors (TVS) are designed to protect components which are connected to data and transmission lines from voltage surges caused by electrostatic discharge (ESD).
   
Features
● Transient Protection for Data & Power Lines
    to IEC 61000-4-2 (ESD) ±15kV (Air), ±8kV
    (Contact)
● Protects One Bidirectional Line or Two
    Unidirectional Lines
● Working Voltages: 12V (SM12)
                                  15V (SM15)
● Low Clamping Voltage
● Solid-State Silicon Avalanche Technology
   
Applications
● Cellular Handsets and Accessories
● Portable Electronics
● Industrial Controls
● Set-Top Box
● Servers, Notebook and Desktop PC
   




Similar Part No. - SM12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM12 MCC-SM12 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM12 MICROSEMI-SM12 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM12 ONSEMI-SM12 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
161Kb / 7P
TVS Diode Array
More results


Similar Description - SM12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
Low Capacitance ESD Protection Diode Array
02-Mar-05
logo
Union Semiconductor, In...
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
Low Capacitance Single Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
Dual Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
Rev 5
logo
Union Semiconductor, In...
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
Low Capacitance Quad Line ESD Protection Diode Array
SM12 UNIONSEMI-SM12_16 Datasheet
154Kb / 5P
Low Capacitance Dual Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
Dual Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com