Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2002 Datasheet (PDF) - Diodes Incorporated

UF2002 Datasheet PDF - Diodes Incorporated
Part # UF2002
Download  UF2002 Download
File Size   62.13 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A ULTRA-FAST RECTIFIER

UF2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF2002 Datasheet PDF - Diodes Incorporated

Part # UF2002
Download  UF2002 Click to download

File Size   62.13 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A ULTRA-FAST RECTIFIER

UF2002 Datasheet (HTML) - Diodes Incorporated


UF2002 Product details

Features
• Diffused Junction
• Ultra-Fast Switching for High Efficiency
• Surge Overload Rating to 60A Peak
• Low Reverse Leakage Current
• Lead Free Finish, RoHS Compliant (Note 4)




Similar Part No. - UF2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2002 DIODES-UF2002 Datasheet
95Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Compact Technology Corp...
UF2002 CTC-UF2002 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF2002 GULFSEMI-UF2002 Datasheet
188Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Diodes Incorporated
UF2002 DIODES-UF2002 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
logo
Shenzhen Taychipst Elec...
UF2002 TAYCHIPST-UF2002 Datasheet
3Mb / 2P
ULTRA-FAST RECTIFIER
More results


Similar Description - UF2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2001 DIODES-UF2001_1 Datasheet
95Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
2.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
UF2001 DIODES-UF2001_2 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
2.0A ULTRA-FAST RECTIFIER
Rev erse
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 6
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001 Datasheet
1Mb / 2P
2.0A Ultra-fast Rectifier
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
2.0A Ultra-fast Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
UF2001 YIXIN-UF2001 Datasheet
209Kb / 2P
2.0A ULTRA-FAST RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com