Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDFB85 Datasheet (PDF) - Dynex Semiconductor

MDFB85 Datasheet PDF - Dynex Semiconductor
Part # MDFB85
Download  MDFB85 Download

File Size   70.5 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode

MDFB85 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDFB85 Datasheet PDF - Dynex Semiconductor

Part # MDFB85
Download  MDFB85 Click to download

File Size   70.5 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode

MDFB85 Datasheet (HTML) - Dynex Semiconductor

MDFB85 Datasheet HTML 1Page - Dynex Semiconductor MDFB85 Datasheet HTML 2Page - Dynex Semiconductor MDFB85 Datasheet HTML 3Page - Dynex Semiconductor MDFB85 Datasheet HTML 4Page - Dynex Semiconductor MDFB85 Datasheet HTML 5Page - Dynex Semiconductor MDFB85 Datasheet HTML 6Page - Dynex Semiconductor MDFB85 Datasheet HTML 7Page - Dynex Semiconductor MDFB85 Datasheet HTML 8Page - Dynex Semiconductor

MDFB85 Product details

KEY PARAMETERS

VRRM       4500V

IF(AV)       2130A

IFSM        20000A

Qr           2200µC

trr           6.0µs



FEATURES

■Double side cooling

■High surge capability

■Low recovery charge



APPLICATIONS

■Freewheel Diode

■D.C. Motor Drives

■Welding

■High Frequency Rectification

■Power Supplies




Similar Part No. - MDFB85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
   Fast Recovery Diode
MDFB5120 DYNEX-MDFB5120 Datasheet
69Kb / 8P
   Fast Recovery Diode
MDFB5122 DYNEX-MDFB5122 Datasheet
69Kb / 8P
   Fast Recovery Diode
MDFB5124 DYNEX-MDFB5124 Datasheet
69Kb / 8P
   Fast Recovery Diode
MDFB5125 DYNEX-MDFB5125 Datasheet
69Kb / 8P
   Fast Recovery Diode
More results


Similar Description - MDFB85

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com