Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6537A Datasheet (PDF) - Intersil Corporation

ISL6537A Datasheet PDF - Intersil Corporation
Part # ISL6537A
Download  ISL6537A Download
File Size   413.77 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

ISL6537A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6537A Datasheet PDF - Intersil Corporation

Part # ISL6537A
Download  ISL6537A Click to download

File Size   413.77 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ACPI Regulator/Controller for Dual Channel DDR Memory Systems

ISL6537A Datasheet (HTML) - Intersil Corporation


ISL6537A Product details

The ISL6537A provides a complete ACPI compliant power solution for up to 4 DIMM dual channel DDR/DDR2 Memory systems. Included are both a synchronous buck controller to supply VDDQ during S0/S1 and S3 states. During S0/S1 state, a fully integrated sink-source regulator generates an accurate (VDDQ/2) high current VTT voltage without the need for a negative supply. A buffered version of the VDDQ/2 reference is provided as VREF. A second PWM controller, which requires external MOSFET drivers, is available for regulation of the GMCH Core voltage. An LDO controller is also integrated for the CPU VTT termination voltage regulation and the DAC.



Features

• Generates 5 Regulated Voltages

   - Synchronous Buck PWM Controller for DDR VDDQ

   - 3A Integrated Sink/Source Linear Regulator with Accurate VDDQ/2 Divider Reference for DDR VTT

   - PWM Regulator for GMCH Core

   - LDO Regulator for CPU/GMCH VTT Termination

   - LDO Regulator for DAC

• ACPI Compliant Sleep State Control

• Glitch-Free Transitions During State Changes

• Integrated VREF Buffer

• VDDQ PWM Controller Drives Low Cost N-Channel MOSFETs

• 250kHz Constant Frequency Operation

   - Both PWM Controllers are Phase Shifted 180°

• Tight Output Voltage Regulation

   - All Outputs: ±2% Over Temperature

• Fully-Adjustable Outputs with Wide Voltage Range: Down to 0.8V Supports DDR and DDR2 Specifications

• Simple Single-Loop Voltage-Mode PWM Control Design

• Fast PWM Converter Transient Response

• Under and Overvoltage Monitoring

• OCP on the VDDQ Switching Regulator

• Integrated Thermal Shutdown Protection

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Single and Dual Channel DDR Memory Power Systems in ACPI Compliant PCs

• Graphics Cards - GPU and Memory Supplies

• ASIC Power Supplies

• Embedded Processor and I/O Supplies

• DSP Supplies



 




Similar Part No. - ISL6537A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Renesas Technology Corp
ISL6537A RENESAS-ISL6537A Datasheet
831Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACR INTERSIL-ISL6537ACR Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Renesas Technology Corp
ISL6537ACR RENESAS-ISL6537ACR Datasheet
831Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ INTERSIL-ISL6537ACRZ Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
More results


Similar Description - ISL6537A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
February 9, 2005
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 22, 2005
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
January 3, 2006
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537 RENESAS-ISL6537 Datasheet
900Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com