| Manufacturer | Part # | Datasheet | Description |
 Wurth Elektronik GmbH &... |
687708200002
|
195Kb / 1P |
0.5MM FLAT FLEXIBLE CABLE TYPE 2 L=200MM
|
 Tyco Electronics |
55510
|
30Kb / 1P |
FERRULE, CABLE, CLAMP SPLIT RING
|
 List of Unclassifed Man... |
E2508-BLUE
|
104Kb / 1P |
Cable Ferrule - Insulated 2.5 mm2
|
 Molex Electronics Ltd. |
0622030600
|
30Kb / 1P |
Imperium Cable Ferrule Assembly Press
|
 Hubbell Incorporated. |
BURNDY_YF2210KITT
|
268Kb / 1P |
Single Insulated Wire Ferrule 22-10 Tool Kit, "T -Series"
|
|
BURNDY_YF2210KITW
|
251Kb / 1P |
Single Insulated Wire Ferrule 22-10 Tool Kit, "W -Series"
|
 List of Unclassifed Man... |
E0508
|
91Kb / 1P |
Cable Ferrule - Insulated 0.5mm2
|
|
E1508
|
86Kb / 1P |
Cable Ferrule - Insulated 1.5mm2
|
 CnC Tech, LLC |
1426
|
542Kb / 2P |
PVC Insulated Marine Cable
|
 Lapp. |
63104010
|
229Kb / 3P |
Insulated cable lugs
14.08.2023 |