Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1010-18 Datasheet (PDF) - International Rectifier

IRU1010-18 Datasheet PDF - International Rectifier
Part # IRU1010-18
Download  IRU1010-18 Download
File Size   128.34 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR

IRU1010-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1010-18 Datasheet PDF - International Rectifier

Part # IRU1010-18
Download  IRU1010-18 Click to download

File Size   128.34 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR

IRU1010-18 Datasheet (HTML) - International Rectifier


IRU1010-18 Product details

DESCRIPTION
The IRU1010-18 is a low dropout three-terminal fixed output regulator with minimum of 1A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications as well as generating clock supply for PC applications. The IRU1010-18 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated with 3.8V input supply. The IRU1010-18 is specifically designed to be stable with low cost aluminum capacitors while maintaining stability with low ESR tantalum caps.

FEATURES
■ Guaranteed < 1.3V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Built-In Thermal Shutdown
■ Available in SOT-223, D-Pak, Ultra Thin-Pak and 8-Pin SOIC Surface-Mount Packages

APPLICATIONS
■ Low Voltage IC Supply Applications
■ DSP Core Voltage




Similar Part No. - IRU1010-18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CP IRF-IRU1010-18CP Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CS IRF-IRU1010-18CS Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CSPBF IRF-IRU1010-18CSPBF Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results


Similar Description - IRU1010-18

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com