| Manufacturer | Part # | Datasheet | Description |
 California Eastern Labs |
PS7342L-1A
|
247Kb / 10P |
solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
|
|
PS9122
|
297Kb / 18P |
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
|
|
PS9121
|
287Kb / 15P |
The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
|
 Ralston Instruments. |
QTFT-HTBB-2T
|
321Kb / 1P |
Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
|
|
QTHA-HTBB-2T
|
321Kb / 1P |
Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
|
 STMicroelectronics |
EV-VND5T100AJ
|
132Kb / 8P |
A permanent low level on the inputs and fault
16-Sep-2013 |
 PHOENIX CONTACT |
ST-OV4-24DC
|
126Kb / 7P |
Reliable detection and indication of an open circuit on the load side
|
 Ralston Instruments. |
QTFT-HTBB-2T
|
495Kb / 1P |
Connect to a Quick-test hose on one side and a tube fitting on the other
|
 NXP Semiconductors |
68HC05P5
|
3Mb / 68P |
The MC68HC05P5 is a 28-pin device based on the MC68HC05P7 with an on-chip analog voltage comparator and a two-channel pulse width modulator (PWM).
November 25, 1996 REV1.3 |
|
MC68HC05P15
|
3Mb / 62P |
The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0 |