Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE202930 Datasheet (PDF) - California Eastern Labs

NE202930 Datasheet PDF - California Eastern Labs
Part # NE202930
Download  NE202930 Download
File Size   571.67 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description Silicon NPN Epitaxial High Frequency Transistor

NE202930 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE202930 Datasheet PDF - California Eastern Labs

Part # NE202930
Download  NE202930 Click to download

File Size   571.67 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description Silicon NPN Epitaxial High Frequency Transistor

NE202930 Datasheet (HTML) - California Eastern Labs


NE202930 Product details

FEATURES
• High transition frequency fT = 11 GHz TYP.
• Ideal for low noise and low distortion amplification
• Suitable for equipments of low collector voltage (Less than 5 V)
• Suitable for up to 1 GHz applications
​​​​​​​
APPLICATIONS
• LNA (Low Noise Amplifier) or power splitter for digital-TV




Similar Part No. - NE202930

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930 Datasheet
217Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1 RENESAS-NE202930-T1 Datasheet
217Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
More results


Similar Description - NE202930

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930 Datasheet
217Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com