Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2210C Datasheet (PDF) - Elantec Semiconductor

EL2210C Datasheet PDF - Elantec Semiconductor
Part # EL2210C
Download  EL2210C Download
File Size   190.01 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Low Cost, Dual, Triple and Quad Video Op Amps

EL2210C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2210C Datasheet PDF - Elantec Semiconductor

Part # EL2210C
Download  EL2210C Click to download

File Size   190.01 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Low Cost, Dual, Triple and Quad Video Op Amps

EL2210C Datasheet (HTML) - Elantec Semiconductor


EL2210C Product details

General Description
This family of dual, triple, and quad operational amplifiers built using Elantecs Complementary Bipolar process offers unprecedented high frequency performance at a very low cost. They are suitable for any application such as consumer video, where traditional DC performance specifications are of secondary importance to the high frequency specifications. On ±5V supplies at a gain of +1 the EL2210C, EL2310C, and EL2410C will drive a 150W load to +2V,--- -1V with a bandwidth of 50MHz and a channel-to-channel isolation of 60dB or more. At a gain of +2, the EL2211C, EL2311C, and EL2411C will drive a 150W load to +2V, -1V with a bandwidth of 100MHz with the same channel-to-channel isolation. All four achieve 0.1dB bandwidth at 5MHz.
The power supply operating range is fixed at ±5V or +10/0V. In single supply operation the inputs and outputs will operate to ground. Each amplifier draws only 7mA of supply current.

Features
• Stable at gain of 2 and 100MHz
   gain_bandwidth product (EL2211C, EL2311C, & EL2411C)
• Stable at gain of 1 and 50MHz
   gain_bandwidth product (EL2210C, EL2310C, & EL2410C)
• 130V/µs slew rate
• Drives 150W load to video levels
• Inputs and outputs operate at negative supply rail
• ±5V or +10V supplies
• -60dB isolation at 4.2MHz

Applications
• Consumer video amplifiers
• Active filters/integrators
• Cost-sensitive applications
• Single supply amplifiers




Similar Part No. - EL2210C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2210CN INTERSIL-EL2210CN Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
EL2210CS INTERSIL-EL2210CS Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
EL2210CS-T13 INTERSIL-EL2210CS-T13 Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
EL2210CS-T7 INTERSIL-EL2210CS-T7 Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
More results


Similar Description - EL2210C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
logo
Analog Devices
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com