Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4393 Datasheet (PDF) - Elantec Semiconductor

EL4393 Datasheet PDF - Elantec Semiconductor
Part # EL4393
Download  EL4393 Download
File Size   270.75 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Triple 80 MHz Video Amplifier w/Disable

EL4393 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4393 Datasheet PDF - Elantec Semiconductor

Part # EL4393
Download  EL4393 Click to download

File Size   270.75 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Triple 80 MHz Video Amplifier w/Disable

EL4393 Datasheet (HTML) - Elantec Semiconductor


EL4393 Product details

The EL4393 is three wideband current feedback amplifiers optimized for video performance. Each amplifier can drive a load of 150Ω at video levels. Each amplifier has a disable capability, which is controlled by a TTL/CMOS compatible logic signal. The EL4393 operates on supplies as low as ±4V up to ±15V.



Features

• 80MHz -3dB bandwidth for gains of 1 to 10

• 900V/µs slew rate

• 10MHz bandwidth flat to 0.1dB

• Excellent differential gain and phase

• TTL/CMOS compatible

• Available in SOL-16




Similar Part No. - EL4393

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
EL4393CM INTERSIL-EL4393CM Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
EL4393CN INTERSIL-EL4393CN Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
More results


Similar Description - EL4393

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV.B
logo
Elantec Semiconductor
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
logo
Analog Devices
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com