Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5127C Datasheet (PDF) - Elantec Semiconductor

EL5127C Datasheet PDF - Elantec Semiconductor
Part # EL5127C
Download  EL5127C Download
File Size   138.73 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers

EL5127C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5127C Datasheet PDF - Elantec Semiconductor

Part # EL5127C
Download  EL5127C Click to download

File Size   138.73 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers

EL5127C Datasheet (HTML) - Elantec Semiconductor


EL5127C Product details

General Description

The EL5127C, EL5227C, EL5327C, and EL5427C are low power, high voltage rail-to-rail input/output buffers designed for use in refer ence voltage buffering applications in small LCD displays. They are available in quad (EL5127C), octal (EL5227C), 10-channel (EL5327C), and 12-channel (EL5427C) topologies. All buffers feature a -3dB bandwidth of 2.5MHz and operate from just 120µA per buffer. This family also features a continuous output drive capability of 30mA (sink and source).



Features

• 2.5MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per buffer) =120µA

• High slew rate = 1.5V/µs

• Rail-to-rail input/output swing

• Ultra-small packages



Applications

• TFT-LCD drive circuits

• Electronic games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation




Similar Part No. - EL5127C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5127CY INTERSIL-EL5127CY Datasheet
294Kb / 17P
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
May 4, 2007
EL5127CY INTERSIL-EL5127CY Datasheet
300Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
May 4, 2007
logo
Renesas Technology Corp
EL5127CY RENESAS-EL5127CY Datasheet
778Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127CY-T13 INTERSIL-EL5127CY-T13 Datasheet
294Kb / 17P
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
May 4, 2007
EL5127CY-T13 INTERSIL-EL5127CY-T13 Datasheet
300Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
May 4, 2007
More results


Similar Description - EL5127C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
November 19, 2004
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
May 4, 2007
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
May 4, 2007
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
Dual 2.5MHz Rail-to-Rail Input-Output Buffer
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
Single 12-/10-/8-Bit Rail-to- Rail DACs
06/17-REV.G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com