Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5197C Datasheet (PDF) - Elantec Semiconductor

EL5197C Datasheet PDF - Elantec Semiconductor
Part # EL5197C
Download  EL5197C Download
File Size   291.66 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Single 200MHz Fixed Gain Amplifier

EL5197C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5197C Datasheet PDF - Elantec Semiconductor

Part # EL5197C
Download  EL5197C Click to download

File Size   291.66 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Single 200MHz Fixed Gain Amplifier

EL5197C Datasheet (HTML) - Elantec Semiconductor


EL5197C Product details

General Description
The EL5197C is a fixed gain amplifier with a bandwidth of 200MHz, making these amplifiers ideal for today’s high speed video and monitor applications. The EL5197C features internal gain setting resistors and can be configured in a gain of +1, -1 or +2. The same bandwidth is seen in both gain-of-1 and gain-of-2 applications.

Features
• Gain selectable (+1, -1, +2)
• 200MHz -3dB BW (AV = 1, 2)
• 4mA supply current
• Single and dual supply operation, from 5V to 10V
• Available in 5-pin SOT23 package
• Triple (EL5397C) available
• 400MHz, 9mA product available (EL5196C, EL5396C)

Applications
• Battery Powered Equipment
• Hand Held, Portable Devices
• Video Amplifier
• Cable Drivers
• RGB Amplifier
• Test Equipment
• Instrumentation
• Current to Voltage Converters




Similar Part No. - EL5197C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
EL5197CW-T13 ELANTEC-EL5197CW-T13 Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197CW-T7 INTERSIL-EL5197CW-T7 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
logo
Elantec Semiconductor
EL5197CW-T7 ELANTEC-EL5197CW-T7 Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197CW-T7 INTERSIL-EL5197CW-T7 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
More results


Similar Description - EL5197C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
200MHz Unity-Gain Stable Operational Amplifier
September 26, 2001
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com