Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5220C Datasheet (PDF) - Elantec Semiconductor

EL5220C Datasheet PDF - Elantec Semiconductor
Part # EL5220C
Download  EL5220C Download
File Size   275.6 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5220C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5220C Datasheet PDF - Elantec Semiconductor

Part # EL5220C
Download  EL5220C Click to download

File Size   275.6 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5220C Datasheet (HTML) - Elantec Semiconductor


EL5220C Product details

General Description

The EL5420C and EL5220C are low power, high voltage, rail-to-rail input-output amplifiers. The EL5220C contains two amplifiers in one package, and the EL5420C contains four amplifiers. Operating on supplies ranging from 5V to 15V, while consuming only 500µA peramplifier, the EL5420C and EL5220C have a bandwidth of 12MHz -- (-3dB). They also provide common mode input ability beyond the supply rails, as well as rail-to-rail output capability. This enables these amplifiers to offer maximum dynamic range at any supply voltage.



Features

• 12MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per amplifier) = 500µA

• High slew rate = 10V/µs

• Unity-gain stable

• Beyond the rails input capability

• Rail-to-rail output swing

• Ultra-small package



Applications

• TFT-LCD drive circuits

• Electronics notebooks

• Electronics games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation

• Sampling ADC amplifiers

• Wireless LANs

• Office automation

• Active filters

• ADC/DAC buffer




Similar Part No. - EL5220C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220CY INTERSIL-EL5220CY Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5220CY-13 INTERSIL-EL5220CY-13 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5220CY-T7 INTERSIL-EL5220CY-T7 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5220CYZ INTERSIL-EL5220CYZ Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5220CYZ INTERSIL-EL5220CYZ Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
More results


Similar Description - EL5220C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
30MHz Rail-to-Rail Input-Output Op Amps
May 6, 2005
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amps
October 29, 2004
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com