Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5292C Datasheet (PDF) - Elantec Semiconductor

EL5292C Datasheet PDF - Elantec Semiconductor
Part # EL5292C
Download  EL5292C Download
File Size   307.51 Kbytes
Page   15 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 600MHz Current Feedback Amplifier

EL5292C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5292C Datasheet PDF - Elantec Semiconductor

Part # EL5292C
Download  EL5292C Click to download

File Size   307.51 Kbytes
Page   15 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 600MHz Current Feedback Amplifier

EL5292C Datasheet (HTML) - Elantec Semiconductor


EL5292C Product details

General Description
The EL5292C is a dual current feedback amplifier with a very high bandwidth of 600MHz. This makes this amplifier ideal for today’s high speed video and monitor applications.

Features
• 600MHz -3dB bandwidth
• 6mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Single (EL5192C) and triple (EL5392C) available
• High speed, 1GHz product available (EL5191C)
• Low power, 4mA, 300MHz product available (EL5193C, EL5293C, and EL5393C

Applications
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters




Similar Part No. - EL5292C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5292CS INTERSIL-EL5292CS Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5292CS INTERSIL-EL5292CS Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
logo
Renesas Technology Corp
EL5292CS RENESAS-EL5292CS Datasheet
794Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5292CS-T13 INTERSIL-EL5292CS-T13 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5292CS-T13 INTERSIL-EL5292CS-T13 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
More results


Similar Description - EL5292C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
600MHz Current Feedback Amplifier
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com