Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5825C Datasheet (PDF) - Elantec Semiconductor

EL5825C Datasheet PDF - Elantec Semiconductor
Part # EL5825C
Download  EL5825C Download
File Size   81.29 Kbytes
Page   3 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 8-Channel TFT-LCD Reference Voltage Generator

EL5825C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5825C Datasheet PDF - Elantec Semiconductor

Part # EL5825C
Download  EL5825C Click to download

File Size   81.29 Kbytes
Page   3 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 8-Channel TFT-LCD Reference Voltage Generator

EL5825C Datasheet (HTML) - Elantec Semiconductor


EL5825C Product details

General Description
The EL5825C is designed to produce the reference voltages required in TFT-LCD applications. Each output is programmed to the required voltage with 10 bits of resolution. Reference pins determine the high and low voltages of the output range, which are capable of swinging to either supply rail. Programming of each output is performed using the serial interface. A serial out pin enables daisy chaining of multiple devices.

Features
• 8-channel reference outputs
• Accuracy of ±0.1%
• Supply voltage of 5V to 16V
• Digital supply 3.3V to 5V
• Low supply current of 10mA
• Rail-to-rail capability

Applications
• TFT-LCD drive circuits
• Reference voltage generators




Similar Part No. - EL5825C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825IL INTERSIL-EL5825IL Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
logo
Renesas Technology Corp
EL5825IL RENESAS-EL5825IL Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825IL-T13 INTERSIL-EL5825IL-T13 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
More results


Similar Description - EL5825C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
8-Channel TFT-LCD Reference Voltage Generator
April 2003
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
12-Channel TFT-LCD Reference Voltage Generator
March 5, 2004
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
August 24, 2006
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
10-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com