Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K0900Y Datasheet (PDF) - Littelfuse

K0900Y Datasheet PDF - Littelfuse
Part # K0900Y
Download  K0900Y Download
File Size   431.95 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor짰 brand Thyristors Standard Bidirectional SIDACs

K0900Y Datasheet (PDF)

Go To PDF Page Download Datasheet
K0900Y Datasheet PDF - Littelfuse

Part # K0900Y
Download  K0900Y Click to download

File Size   431.95 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor짰 brand Thyristors Standard Bidirectional SIDACs

K0900Y Datasheet (HTML) - Littelfuse


K0900Y Product details

Description
The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative resistance region to a low on-state voltage. Conduction continues until the current is interrupted or drops below the minimum holding current of the device. SIDACs feature glass-passivated junctions to ensure a rugged and dependable device capable of withstanding harsh environments.

Features
• AC Circuit Oriented
• Triggering Voltage of 79V to 330V
• RoHS Compliant

Applications
Suitable for high voltage power supplies, natural gas igniters, high-pressure Sodium lamps, and Xenon flash ignition.




Similar Part No. - K0900Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
382Kb / 12P
SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K0900yURP LITTELFUSE-K0900yURP Datasheet
840Kb / 9P
RoHS Compliant
More results


Similar Description - K0900Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
Teccor brand Thyristors Multipulse SIDACs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
Teccor짰 brand Thyristors
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
Teccor짰 brand Thyristors
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com