Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6255C Datasheet (PDF) - Elantec Semiconductor

EL6255C Datasheet PDF - Elantec Semiconductor
Part # EL6255C
Download  EL6255C Download
File Size   133.63 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Channel Laser Diode Driver Oscillator

EL6255C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6255C Datasheet PDF - Elantec Semiconductor

Part # EL6255C
Download  EL6255C Click to download

File Size   133.63 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Channel Laser Diode Driver Oscillator

EL6255C Datasheet (HTML) - Elantec Semiconductor


EL6255C Product details

General Description
The EL6255C is a high-performance four channel laser diode current amplifier that provides controlled current to a grounded laser diode.

Features
• Shrink-small package outline
• Voltage-controlled output current
   source to 150 mA per channel,
   requiring one external set resistor
   per channel
• Current-controlled output current
   source to 150 mA per channel
• Rise time = 1.0 ns
• Fall time = 1.1 ns
• On chip oscillator with frequency
   and amplitude control by use of
   external resistors to ground
• Oscillator to 500 MHz
• Oscillator to 100 mA pk/pk
• Single +5V supply (±10%)
• Current amplification = 100
• Disable feature for power-up
   protection and power savings
• TTL/CMOS control signals

Applications
• DVD drives
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6255C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6250C ELANTEC-EL6250C Datasheet
134Kb / 2P
Split Supply Laser Driver and Oscillator
EL6250CU ELANTEC-EL6250CU Datasheet
134Kb / 2P
Split Supply Laser Driver and Oscillator
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
2-Channel laser diode Driver Oscillator
EL6252CY ELANTEC-EL6252CY Datasheet
39Kb / 2P
2-Channel laser diode Driver Oscillator
EL6253 ELANTEC-EL6253 Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
More results


Similar Description - EL6255C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6249C ELANTEC-EL6249C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6259C ELANTEC-EL6259C Datasheet
42Kb / 2P
Low Noise 4-Channel Laser Diode Driver Oscillator
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6276C ELANTEC-EL6276C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6286C ELANTEC-EL6286C Datasheet
152Kb / 2P
4-Ch Laser Diode Driver Oscillator
EL6287C ELANTEC-EL6287C Datasheet
133Kb / 2P
4-Ch Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
Dual 4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
4-Channel Laser Diode Driver Oscillator
June 15, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com