Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ12A-13 Datasheet (PDF) - Diodes Incorporated

SMAJ12A-13 Datasheet PDF - Diodes Incorporated
Part # SMAJ12A-13
Download  SMAJ12A-13 Download
File Size   146.59 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W Peak Pulse Power Dissipation

SMAJ12A-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ12A-13 Datasheet PDF - Diodes Incorporated

Part # SMAJ12A-13
Download  SMAJ12A-13 Click to download

File Size   146.59 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W Peak Pulse Power Dissipation

SMAJ12A-13 Datasheet (HTML) - Diodes Incorporated


SMAJ12A-13 Product details

Features
• 400W Peak Pulse Power Dissipation
• 5.0V - 170V Standoff Voltages
• Glass Passivated Die Construction
• Uni- and Bi-Directional Versions Available
• Excellent Clamping Capability
• Fast Response Time
• Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - SMAJ12A-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ12A-13-F DIODES-SMAJ12A-13-F Datasheet
81Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
More results


Similar Description - SMAJ12A-13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
1500 WATTS PEAK POWER DISSIPATION
logo
SeCoS Halbleitertechnol...
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
High peak reverse power dissipation
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
600W Peak Pulse Power Dissipation
logo
E-CMOS Corporation
EC76P4KEXXX E-CMOS-EC76P4KEXXX Datasheet
204Kb / 6P
Peak Pulse 400W Stand-off Voltage 6.8 to 550V
logo
SeCoS Halbleitertechnol...
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com