Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8001401ZX Datasheet (PDF) - Elantec Semiconductor

8001401ZX Datasheet PDF - Elantec Semiconductor
Part # 8001401ZX
Download  8001401ZX Download
File Size   242.87 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Fast Buffer Amplifier

8001401ZX Datasheet (PDF)

Go To PDF Page Download Datasheet
8001401ZX Datasheet PDF - Elantec Semiconductor

Part # 8001401ZX
Download  8001401ZX Click to download

File Size   242.87 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Fast Buffer Amplifier

8001401ZX Datasheet (HTML) - Elantec Semiconductor


8001401ZX Product details

General Description
The ELH0033 is a high-speed, FET input voltage follower buffer designed to provide high output currents from DC to over 100 MHz. The ELH0033 slews at 1500 V/ms and will drive 100X loads. Phase linearity is excellent to 20 MHz, allowing the buffer to be included in op amp loops.

Features
• Slew rate—1500 V/ms
• Output drive—100 mA
• Rise and fall times—2.9 ns
• Input resistance—1011X
• Power bandwidth—100 MHz
• MIL-STD-883 devices 100% manufactured in U.S.A.

Advantages
• Excellent phase linearity
• Driver cables and other capacitive loads
• Wide supply range, single or split




Similar Part No. - 8001401ZX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8001401ZX ETC1-8001401ZX Datasheet
449Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
8001401ZX MSK-8001401ZX Datasheet
587Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Anaren Microwave
8001401ZX ANAREN-8001401ZX Datasheet
183Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Similar Description - 8001401ZX

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
Fast Buffer
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
Fast Buffer
logo
National Semiconductor ...
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
FAST BUFFER
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
Fast Buffer
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
Buffer Amplifier
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
Fast Buffer
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
Buffer Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com