Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS25EC8APFA Datasheet (PDF) - Elpida Memory

EBS25EC8APFA Datasheet PDF - Elpida Memory
Part # EBS25EC8APFA
Download  EBS25EC8APFA Download
File Size   160.91 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256MB Unbuffered SDRAM DIMM

EBS25EC8APFA Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS25EC8APFA Datasheet PDF - Elpida Memory

Part # EBS25EC8APFA
Download  EBS25EC8APFA Click to download

File Size   160.91 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256MB Unbuffered SDRAM DIMM

EBS25EC8APFA Datasheet (HTML) - Elpida Memory


EBS25EC8APFA Product details

Description
The EBS25EC8APFA is 32M words × 72 bits, 1 bank Synchronous Dynamic RAM Unbuffered Module, mounted 9 pieces of 256M bits SDRAM sealed in TSOP package. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• Fully compatible with 8 bytes DIMM: JEDEC standard outline
• 168-pin socket type dual in line memory module (DIMM)
    - PCB height: 34.93mm (1.38inch )
    - Lead pitch: 1.27mm
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Data bus width: × 72 ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - EBS25EC8APFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
EBS25EC8APSA-75 ELPIDA-EBS25EC8APSA-75 Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
EBS25EC8APSA-75L ELPIDA-EBS25EC8APSA-75L Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
EBS25EC8APSA-7A ELPIDA-EBS25EC8APSA-7A Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
EBS25EC8APSA-7AL ELPIDA-EBS25EC8APSA-7AL Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
More results


Similar Description - EBS25EC8APFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
256MB Unbuffered SDRAM DIMM
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
256MB Unbuffered DDR SDRAM DIMM
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
256MB Unbuffered DDR2 SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
256MB Unbuffered DDR SDRAM DIMM
HB52RF328GB-B ELPIDA-HB52RF328GB-B Datasheet
148Kb / 16P
256MB Unbuffered SDRAM Micro DIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com