Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS52UC8APSA Datasheet (PDF) - Elpida Memory

EBS52UC8APSA Datasheet PDF - Elpida Memory
Part # EBS52UC8APSA
Download  EBS52UC8APSA Download
File Size   147.0 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB SDRAM S.O.DIMM

EBS52UC8APSA Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS52UC8APSA Datasheet PDF - Elpida Memory

Part # EBS52UC8APSA
Download  EBS52UC8APSA Click to download

File Size   147.0 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB SDRAM S.O.DIMM

EBS52UC8APSA Datasheet (HTML) - Elpida Memory


EBS52UC8APSA Product details

Description
The EBS52UC8APSA is 64M words × 64 bits, 2 banks Synchronous Dynamic RAM Small Outline Dual In-line Memory Module (S.O.DIMM), mounted 16 pieces of 256M bits SDRAM sealed in µBGA package. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• Fully compatible with 8 bytes S.O.DIMM: JEDEC standard outline
• 144-pin socket type small outline dual in line memory module (S.O.DIMM)
    - PCB height: 31.75mm (1.25inch )
    - Lead pitch: 0.80mm
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Data bus width: × 64 non-ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8, Full page
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - EBS52UC8APSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
512MB Unbuffered SDRAM DIMM
More results


Similar Description - EBS52UC8APSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
128MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
256MB SDRAM S.O.DIMM
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
256MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
512MB Unbuffered SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
256MB DDR SDRAM S.O.DIMM
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com