Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDL1216CASA Datasheet (PDF) - Elpida Memory

EDL1216CASA Datasheet PDF - Elpida Memory
Part # EDL1216CASA
Download  EDL1216CASA Download
File Size   467.13 Kbytes
Page   59 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128M bits Mobile RAM

EDL1216CASA Datasheet (PDF)

Go To PDF Page Download Datasheet
EDL1216CASA Datasheet PDF - Elpida Memory

Part # EDL1216CASA
Download  EDL1216CASA Click to download

File Size   467.13 Kbytes
Page   59 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128M bits Mobile RAM

EDL1216CASA Datasheet (HTML) - Elpida Memory


EDL1216CASA Product details

Description
The EDL1216CA is a 128M bits Mobile RAM organized as 2,097,152 words × 16 bits × 4 banks. The Mobile RAM achieved low power consumption and high-speed data transfer using the pipeline architecture. All inputs and outputs are synchronized with the positive edge of the clock.
This product is packaged in 54-ball FBGA (µBGA®).

Features
• Low voltage power supply
    - VDD: 1.8V ± 0.15V
    - VDDQ: 1.8V ± 0.15V
• Wide temperature range (−25°C to 85°C)
• Programmable partial self refresh
• Programmable driver strength
• Programmable temperature compensated self refresh (Option)
• Deep power down mode
• Small package (54-ball FBGA (µBGA))
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1
• Byte control by LDQM and UDQM
• Wrap sequence = Sequential/ Interleave
• /CAS latency (CL) = 2, 3
• Automatic precharge and controlled precharge
• Auto refresh and self refresh
• ×16 organization
• 4,096 refresh cycles/64ms
• Burst termination by Burst stop command and Precharge command
• FBGA(µBGA) package is lead free solder (Sn-Ag-Cu)

Applications
    Mobile cellular handsets, PDAs, wireless PDAs, handheld PCs, home electronic appliances, and information appliances, etc.




Similar Part No. - EDL1216CASA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
128M bits Mobile RAM?
EDL1216CFBJ-75-F ELPIDA-EDL1216CFBJ-75-F Datasheet
723Kb / 59P
128M bits Mobile RAM?
More results


Similar Description - EDL1216CASA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
128M bits Mobile RAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
128M bits SDRAM
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
128M bits Mobile RAM?
EDL6416CBBH ELPIDA-EDL6416CBBH Datasheet
730Kb / 59P
64M bits Mobile RAM?
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
128M bits SDRAM
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
128M bits DDR Mobile RAM?
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
128M bits SDRAM 128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
128M bits SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com