Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-26MB60A Datasheet (PDF) - Vishay Siliconix

VS-26MB60A Datasheet PDF - Vishay Siliconix
Part # VS-26MB60A
Download  VS-26MB60A Download
File Size   784.96 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge (Power Modules), 25 A/35 A

VS-26MB60A Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-26MB60A Datasheet PDF - Vishay Siliconix

Part # VS-26MB60A
Download  VS-26MB60A Click to download

File Size   784.96 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge (Power Modules), 25 A/35 A

VS-26MB60A Datasheet (HTML) - Vishay Siliconix


VS-26MB60A Product details

DESCRIPTION
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.

FEATURES
• Universal, 3 way terminals:
   push-on, wrap around or solder
• High thermal conductivity package, electrically
   insulated case
• Center hole fixing
• Excellent power/volume ratio
• Nickel plated terminals solderable using lead (Pb)-free
   solder; solder alloy Sn/Ag/Cu (SAC305); solder
   temperature 260 °C to 275 °C
• UL E300359 approved
• Designed and qualified for industrial and consumer level
• Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - VS-26MB60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-26MB06A VISHAY-VS-26MB06A Datasheet
144Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results


Similar Description - VS-26MB60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
Single Phase Bridge (Power Modules), 25/35 A
27-Jun-08
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
Single Phase Bridge (Power Modules), 25/35 A
29-Sep-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
08-Apr-14
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-MB VISHAY-VS-MB Datasheet
806Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
10-Jul-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com