| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BTS5234G
|
411Kb / 28P |
Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004 |
|
BTS5234L
|
414Kb / 28P |
Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004 |
|
BTS5434G
|
427Kb / 28P |
Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004 |
|
BTS5231GS
|
669Kb / 28P |
Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005 |
|
BTS5235G
|
638Kb / 30P |
Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005 |
|
BTS5235L
|
640Kb / 30P |
Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005 |
|
BTS5231-2GS
|
840Kb / 27P |
Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008 |
|
BTS5236-2EKA
|
978Kb / 27P |
Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008 |
|
BTS7008-1EPZ
|
1Mb / 59P |
PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS5241L
|
293Kb / 28P |
Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27 |