Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD45128163-I Datasheet (PDF) - Elpida Memory

PD45128163-I Datasheet PDF - Elpida Memory
Part # PD45128163-I
Download  PD45128163-I Download
File Size   710.73 Kbytes
Page   89 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)

PD45128163-I Datasheet (PDF)

Go To PDF Page Download Datasheet
PD45128163-I Datasheet PDF - Elpida Memory

Part # PD45128163-I
Download  PD45128163-I Click to download

File Size   710.73 Kbytes
Page   89 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)

PD45128163-I Datasheet (HTML) - Elpida Memory


PD45128163-I Product details

Description
The µPD45128441, 45128841, 45128163 are high-speed 134,217,728-bit synchronous dynamic random-access memories, organized as 8,388,608 × 4 × 4, 4,194,304 × 8 × 4, 2,097,152 × 16 × 4 (word × bit × bank), respectively.
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture.

Features
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0(A13) and BA1(A12)
• Byte control (×16) by LDQM and UDQM
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Ambient temperature (TA): −40 to + 85°C
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• ×4, ×8, ×16 organization
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64 ms
• Burst termination by Burst stop command and Precharge command




Similar Part No. - PD45128163-I

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-T ELPIDA-PD45128163-T Datasheet
713Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results


Similar Description - PD45128163-I

ManufacturerPart #DatasheetDescription
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com