Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73461A Datasheet (PDF) - ELAN Microelectronics Corp

EM73461A Datasheet PDF - ELAN Microelectronics Corp
Part # EM73461A
Download  EM73461A Download
File Size   190.93 Kbytes
Page   33 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73461A Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73461A Datasheet PDF - ELAN Microelectronics Corp

Part # EM73461A
Download  EM73461A Click to download

File Size   190.93 Kbytes
Page   33 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73461A Datasheet (HTML) - ELAN Microelectronics Corp


EM73461A Product details

GENERAL DESCRIPTION
EM73461A is an advanced single chip CMOS 4-bit micro-controller. It contains 4K-byte ROM, 244-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73461A also contains 6 interrupt sources, 1 input port, 2 bidirection ports, LCD display (32x4), and one high speed timer/counter with melody output.
EM73461A has plentiful operating modes (SLOW, IDLE, STOP) intended to reduce the power consumption.

FEATURES
• Operation voltage : 2.4V to 3.6V.
• Clock source : Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32K Hz, connect an external resistor) by mask option and high-frequency oscillator is RC oscillator (connect an external resistor).
• Instruction set : 109 powerful instructions.
• Instruction cycle time : Up to 2us for 4 MHz (high speed clock).
                                       122 µs or 244µs by frequency double mask option for 32768 Hz (low speed clock).
• ROM capacity : 4096 X 8 bits.
• RAM capacity : 244 X 4 bits.
• Input port : 1 port (P0). P0(0..3) and IDLE releasing function are available by mask option.
• Bidirection port : 2 ports (P4, P8). P4.0 and SOUND is available by mask option. P4.1 is shared with HTC external input. P8(0..3) and IDLE releasing function are available by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width measurement.
• High speed timer/counter : One 8-bit high speed timer/counters is programmable for auto load timer, melody output and pulse width measurement.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External . . . . . 2 input interrupt sources.
                   Internal . . . . . . 2 Timer overflow interrupts, 1 time base interrupt.
                                            1 high speed timer overflow interrupt.
• LCD driver : 32 X 4 dots, 1/4,1/3,1/2 static six kinds of duty selectable, 1/2 bias, 1/3 bias.
• Power saving function : SLOW, IDLE, STOP operation mode.
• Package type : Chip form 61 pins.

APPLICATIONS
    EM73461A is suitable for application in family applicance, consumer products, hand held games and the toy controller.




Similar Part No. - EM73461A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73461B EMC-EM73461B Datasheet
231Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73461A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com