Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM83812 Datasheet (PDF) - ELAN Microelectronics Corp

EM83812 Datasheet PDF - ELAN Microelectronics Corp
Part # EM83812
Download  EM83812 Download
File Size   84.32 Kbytes
Page   11 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER

EM83812 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM83812 Datasheet PDF - ELAN Microelectronics Corp

Part # EM83812
Download  EM83812 Click to download

File Size   84.32 Kbytes
Page   11 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER

EM83812 Datasheet (HTML) - ELAN Microelectronics Corp


EM83812 Product details

GENERAL DESCRIPTION
The EM83812 PnP Scrolling Mouse Controller is specially designed to control serial mouse device.
This single chip can interface three key-switches and 4 X-Y photo-couples plus Z-axis directly to RS-232C.
There are four types Z-axis inputs used to implement scrolling mouse functionality.

FEATURES
• Using 50kΩ ±1% resistor for RC oscillation.
• Compatible with Microsoft serial scrolling mouse.
• 100 bytes PnP ID code could be filled by code layer.
• Built-in noise immunity circuit.
• The sampiling rate of motion detector is up to 65KHz.
• Built-in three zener diodes : one in VDD to VSS, two in RTS to VDD.
• CMOS push-pull RXD output.
• Built-in current comparator for photo-couples input.
• Built-in three step dynamic input impedance.
• Three key-switches and four photo-couples inputs.
• RTS debouncing circuit included.
• Photo couple test mode included.
• Low power dissipation.
• Six types Z direction input:
    1. Photo couples input. (Z/1) 4. Mechanical input. (Z/1)
    2. Key-switches input. 5. Photo couples input. (Z/4)
    3. Voltage-sensing input. 6. Mechanical input. (Z/2)
• Package type:
    EM83812AP : 16DIP, Photo couples input. (Z/1) EM83812DP: 16DIP, Mechanical input. (Z/1)
    EM83812BP : 16DIP, Key-switches input.           EM83812EP : 16DIP, Photo couples input. (Z/4)
    EM83812CP : 16DIP, Voltage-sensing input.      EM83812FP : 16DIP, Mechanical input. (Z/2)

APPLICATION
• Serial PnP scrolling mouse.




Similar Part No. - EM83812

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
More results


Similar Description - EM83812

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
82C931 ETC-82C931 Datasheet
634Kb / 64P
Plug and Play Integrated Audio Controller
USBMOD1 ETC2-USBMOD1 Datasheet
117Kb / 5P
USB Plug and Play Serial Development Module
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com