Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL38614-1 Datasheet (PDF) - Ericsson

PBL38614-1 Datasheet PDF - Ericsson
Part # PBL38614-1
Download  PBL38614-1 Download
File Size   219.83 Kbytes
Page   18 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL38614-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL38614-1 Datasheet PDF - Ericsson

Part # PBL38614-1
Download  PBL38614-1 Click to download

File Size   219.83 Kbytes
Page   18 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL38614-1 Datasheet (HTML) - Ericsson


PBL38614-1 Product details

Description
The PBL 386 14/1 Subscriber Line Interface Circuit (SLIC) is a 90 V bipolar integrated circuit for use in ISDN Network Terminal Adapters and other short loop telecommunication equipment which often are remote powered, and by that, the available power is limited. The PBL 386 14/1 has been optimized for low total line interface cost, low power and requires a minimum of external components.

Key Features
• Small footprint with SSOP package
• On-hook and Off-hook battery with automatic switching, controlled by loop current
• On-hook battery current is limited to 6 mA
• 37 mW on-hook power dissipation in active state
• Metering 0.5 Vrms (0.7 Vpeak)
• Adaptive Overhead Voltage The overhead voltage follows 1Vpeak<signals<2.5Vpeak
• Battery supply as low as -10V
• Only +5V in addition to GND and battery (VEE optional)
• Open loop voltage tracks On-hook battery
• Full longitudinal current capability during On-hook
• 43.5V open loop voltage @ -48V battery feed
• Automatic compensation for line leakage up to 5 mA
• On-hook transmission
• Programmable loop & ring-trip detector threshold
• Ground key detector
• Analog temperature guard with status exclusively viewed at detector output
• Integrated Ring Relay Driver
• Linevoltage measurement

Applications
• ISDN Network terminals
• Shortloop applications




Similar Part No. - PBL38614-1

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL386102QNS ERICSSON-PBL386102QNS Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL386102QNT ERICSSON-PBL386102QNT Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL38611-2 ERICSSON-PBL38611-2 Datasheet
145Kb / 18P
Subscriber Line Interface Circuit
PBL386112QNS ERICSSON-PBL386112QNS Datasheet
145Kb / 18P
Subscriber Line Interface Circuit
More results


Similar Description - PBL38614-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com