Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGE60830 Datasheet (PDF) - Ericsson

PGE60830 Datasheet PDF - Ericsson
Part # PGE60830
Download  PGE60830 Download
File Size   314.95 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description EDFA Gain Block for DWDM Applications

PGE60830 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGE60830 Datasheet PDF - Ericsson

Part # PGE60830
Download  PGE60830 Click to download

File Size   314.95 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description EDFA Gain Block for DWDM Applications

PGE60830 Datasheet (HTML) - Ericsson


PGE60830 Product details

Description
A cost effective, small sized EDFA gain block for Metro applications. Booster, line-, and pre-amplifier configurations are available.

Key Features
• Operating wavelength window: 1540-1560 nm
• Operating temperature range: -5 °C to 70 °C (with cooled pump)
• Small size (120x80x15 mm)

Applications
• Ideal for Metro DWDM networks up to 8 channels




Similar Part No. - PGE60830

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60831 ERICSSON-PGE60831 Datasheet
304Kb / 4P
EDFA Gain Block for DWDM Applications
More results


Similar Description - PGE60830

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60816 ERICSSON-PGE60816 Datasheet
285Kb / 4P
EDFA Gain Block for DWDM Applications
PGE60817 ERICSSON-PGE60817 Datasheet
285Kb / 4P
EDFA Gain Block for DWDM Applications
PGE60821 ERICSSON-PGE60821 Datasheet
327Kb / 4P
EDFA Gain Block for DWDM Applications
PGE60831 ERICSSON-PGE60831 Datasheet
304Kb / 4P
EDFA Gain Block for DWDM Applications
logo
Bookham, Inc.
IGP-28111J BOOKHAM-IGP-28111J Datasheet
1Mb / 17P
SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
logo
JDS Uniphase Corporatio...
OAC-17F03500C3 JDSU-OAC-17F03500C3 Datasheet
130Kb / 3P
17 dBm Controlled EDFA for Metro and Long Haul Applications
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
OPLINK Communications I...
MINI-GFFM OPLINK-MINI-GFFM Datasheet
233Kb / 2P
Mini Gain Flattening Filter for EDFA
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
EDFA
logo
Finisar Corporation.
50-11-0234-01R FINISAR-50-11-0234-01R Datasheet
760Kb / 3P
Compact 70x90 mm Variable Gain EDFA
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com