Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20080 Datasheet (PDF) - Ericsson

PTB20080 Datasheet PDF - Ericsson
Part # PTB20080
Download  PTB20080 Download
File Size   445.22 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25 Watts, 1.6-1.7 GHz RF Power Transistor

PTB20080 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20080 Datasheet PDF - Ericsson

Part # PTB20080
Download  PTB20080 Click to download

File Size   445.22 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25 Watts, 1.6-1.7 GHz RF Power Transistor

PTB20080 Datasheet (HTML) - Ericsson


PTB20080 Product details

Description
ThPTB 20080 is a class A/AB, NPN, silicon bipolar junction, internallymatched RF power transistor intended for 26 Vdc operation from 1.6 to 1.7 GHz. It is rated at 25 Watts minimum output power for PEP applications. Ion implantation, nitride surface passivation and gold metallization ensure excellent device reliability. 100% lot traceability is standard.

• 25 Watts, 1.6–1.7 GHz
• Class AB Characteristics
• 40% Collector Efficiency at 25 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20080

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20081 ERICSSON-PTB20081 Datasheet
385Kb / 3P
150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20082 ERICSSON-PTB20082 Datasheet
168Kb / 4P
15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
More results


Similar Description - PTB20080

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20079 ERICSSON-PTB20079 Datasheet
184Kb / 3P
10 Watts, 1.6-1.7 GHz INMARSAT RF Power Transistor
PTB20157 ERICSSON-PTB20157 Datasheet
45Kb / 3P
20 Watts, 1.35-1.85 GHz RF Power Transistor
PTB20176 ERICSSON-PTB20176 Datasheet
47Kb / 3P
5 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20191 ERICSSON-PTB20191 Datasheet
424Kb / 3P
12 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20228 ERICSSON-PTB20228 Datasheet
447Kb / 3P
6.5 Watts, 1.62-1.66 GHz RF Power Transistor
logo
Tyco Electronics
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
logo
Pasternack Enterprises,...
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com