Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20167 Datasheet (PDF) - Ericsson

PTB20167 Datasheet PDF - Ericsson
Part # PTB20167
Download  PTB20167 Download
File Size   47.22 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 60 Watts, 850-960 MHz RF Power Transistor

PTB20167 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20167 Datasheet PDF - Ericsson

Part # PTB20167
Download  PTB20167 Click to download

File Size   47.22 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 60 Watts, 850-960 MHz RF Power Transistor

PTB20167 Datasheet (HTML) - Ericsson


PTB20167 Product details

Description
The 20167 is an NPN, common base RF power transistor intended for 24 Vdc operation from 850 to 960 MHz. Rated at 60 watts minimum output power, it is specifically designed for class C power amplifier applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• 24 Volt, 905 MHz Common Base Characteristics
    - Output Power = 60 W
    - Power Gain = 7.0 dB Min
    - Efficiency = 60% Min
• Double Input/Output Matched for Wideband Performance
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20167

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20162 ERICSSON-PTB20162 Datasheet
42Kb / 2P
40 Watts, 470-900 MHz RF Power Transistor
PTB20166 ERICSSON-PTB20166 Datasheet
46Kb / 3P
23 Watts, 675-925 MHz Common Base RF Power Transistor
More results


Similar Description - PTB20167

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
08-Sep-1993
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
MAAPSS0095 MACOM-MAAPSS0095 Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com