Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7300 Datasheet (PDF) - Etron Technology, Inc.

EL7300 Datasheet PDF - Etron Technology, Inc.
Part # EL7300
Download  EL7300 Download
File Size   889.73 Kbytes
Page   5 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description highly integrated single chip solution for the Flat Panel Display applications

EL7300 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7300 Datasheet PDF - Etron Technology, Inc.

Part # EL7300
Download  EL7300 Click to download

File Size   889.73 Kbytes
Page   5 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description highly integrated single chip solution for the Flat Panel Display applications

EL7300 Datasheet (HTML) - Etron Technology, Inc.


EL7300 Product details

Introduction
An LCD monitor is designed for users to get higher image quality and in the mean-time less power consumption than CRT monitor. Usually, an LCD monitor system is composed of a conversion board and a display panel. The conversion board is for input signal processing and for output format display, and the display panel performs different resolution according to input signal resolution set by the user.
   
Features
■ Integrated three 8-bit resolution ADCs and pre-amplifiers
■ Support for Fidelity mode without any frame buffers
■ Programmable independent horizontal/vertical zooming (scaling up and down)
■ Advanced scaling algorithm for excellent image quality
■ Specialized adaptive filters for crisp images
■ Additional data port support digital or video data input
■ Support for video function with a video decoder and a de-interlacer
■ On-chip OSD engine with a 128K-bit fully programmable bit-map memory, resolution up to
    32K pixels/16-color format
■ Support for optional external OSD
■ Support for auto adjustment function for frequencies, phases, positions and white-balance
■ Support for H/V sync interrupt and timing measurement function for mode detection
■ On-chip PLLs
■ On-chip Brightness, Contrast and Gamma-correction
■ Support for 8-bit parallel (8051 compatible)/serial host interface
■ Support for dithering function for 6-bit panels
■ Support for single-/dual-pixel/clock panel interfaces
■ Support for VESA DPMS
■ 0.25 gm CMOS technology with 5V-tolerance input pads
■ 160-pin PQFP packaging
   
Applications
■ Digital/ Analog LCD Monitors
■ Digital/ Analog LCD Projectors
■ Other Flat Panel Display screens
■ LCD TVs
   




Similar Part No. - EL7300

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL7301 ETRON-EL7301 Datasheet
906Kb / 5P
single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-110 ETRON-EL7301Q-110 Datasheet
906Kb / 5P
single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-140 ETRON-EL7301Q-140 Datasheet
906Kb / 5P
single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-160 ETRON-EL7301Q-160 Datasheet
906Kb / 5P
single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
More results


Similar Description - EL7300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX88L284AEC ETC1-MX88L284AEC Datasheet
177Kb / 26P
Highly integration chip for Flat Panel Display application
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
highly integrated single chip
logo
Advantech Co., Ltd.
TREK-305R ADVANTECH-TREK-305R Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
logo
Protech Systems Co., Lt...
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
The Fanless Highly The Fanless Highly Panel PC
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
The Fanless Highly Integrated & Performance 15 Panel PC
logo
Freescale Semiconductor...
MKW01Z128 FREESCALE-MKW01Z128 Datasheet
1Mb / 67P
Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
Highly Integrated Solution
Rev 0; 1/19
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com