Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM566168 Datasheet (PDF) - Etron Technology, Inc.

EM566168 Datasheet PDF - Etron Technology, Inc.
Part # EM566168
Download  EM566168 Download
File Size   146.69 Kbytes
Page   12 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1M x 16 Pseudo SRAM

EM566168 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM566168 Datasheet PDF - Etron Technology, Inc.

Part # EM566168
Download  EM566168 Click to download

File Size   146.69 Kbytes
Page   12 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1M x 16 Pseudo SRAM

EM566168 Datasheet (HTML) - Etron Technology, Inc.


EM566168 Product details

Overview
The EM566168 is a 16M-bit Pseudo SRAM organized as 1M words by 16 bits. It is designed with advanced CMOS technology specified RAM featuring low power static RAM compatible function and pin configuration. This device operates from a single power supply. Advanced circuit technology provides both high speed and low power. It is automatically placed in low-power mode when CS1# or both UB# and LB# are asserted high or CS2 is asserted low. There are three control inputs. CS1# and CS2 are used to select the device, and output enable (OE#) provides fast memory access. Data byte control pins (LB#,UB#) provide lower and upper byte access. This device is well suited to various microprocessor system applications where high speed, low power and battery backup are required. And, with a guaranteed wide operating range, the EM566168 can be used in environments exhibiting extreme temperature conditions.

Features
• Organized as 1M words by 16 bits
• Fast Cycle Time : 70ns
• Standby Current : 100uA
• Deep power-down Current : 10uA (Memory cell data invalid)
• Byte data control: LB# (DQ0 - 7), UB# (DQ8 - 15)
• Compatible with low power SRAM
• Single Power Supply Voltage : 3.0V±0.3V
• Package Type : 48-ball FBGA, 6x8mm




Similar Part No. - EM566168

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
EM566169BC-60 ETRON-EM566169BC-60 Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
EM566169BC-65 ETRON-EM566169BC-65 Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
EM566169BC-70 ETRON-EM566169BC-70 Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
EM566169BC-85 ETRON-EM566169BC-85 Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
More results


Similar Description - EM566168

ManufacturerPart #DatasheetDescription
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
1M WORD X 16BIT LOW POWER PSEUDO SRAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
16-Mbit (1M x 16) Pseudo Static RAM
logo
Hynix Semiconductor
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
512K x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
1M x 16 Pseudo SRAM
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
2M x 16 Pseudo SRAM
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
2M x 16 Pseudo SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com