Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM658160 Datasheet (PDF) - Etron Technology, Inc.

EM658160 Datasheet PDF - Etron Technology, Inc.
Part # EM658160
Download  EM658160 Download
File Size   158.0 Kbytes
Page   26 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4M x 16 DDR Synchronous DRAM (SDRAM)

EM658160 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM658160 Datasheet PDF - Etron Technology, Inc.

Part # EM658160
Download  EM658160 Click to download

File Size   158.0 Kbytes
Page   26 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4M x 16 DDR Synchronous DRAM (SDRAM)

EM658160 Datasheet (HTML) - Etron Technology, Inc.


EM658160 Product details

Overview
The EM658160 SDRAM is a high-speed CMOS double data rate synchronous DRAM containing 64 Mbits. It is internally configured as a quad 1M x 16 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CK). Data outputs occur at both rising edges of CK and /CK. Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a BankActivate command which is then followed by a Read or Write command. The EM658160 provides programmable Read or Write burst lengths of 2, 4, 8, full page.

Features
• Fast clock rate: 300/285/250/200/166/143/125MHz
• Differential Clock CK & /CK
• Bi-directional DQS
• DLL enable/disable by EMRS
• Fully synchronous operation
• Internal pipeline architecture
• Four internal banks, 1M x 16-bit for each bank
• Programmable Mode and Extended Mode registers
    - /CAS Latency: 2, 2.5, 3
    - Burst length: 2, 4, 8
    - Burst Type: Sequential & Interleaved
• Individual byte write mask control
• DM Write Latency = 0
• Auto Refresh and Self Refresh
• 4096 refresh cycles / 64ms
• Precharge & active power down
• Power supplies: VDD = 3.3V ± 0.3V
                             VDDQ = 2.5V ± 0.2V
• Interface: SSTL_2 I/O Interface
• Package: 66 Pin TSOP II, 0.65mm pin pitch




Similar Part No. - EM658160

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
979Kb / 9P
This board contains the different MFP?셲
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 55P
Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A EMMICRO-EM6580SO14A Datasheet
1Mb / 56P
Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A+ EMMICRO-EM6580SO14A+ Datasheet
1Mb / 55P
Ultra Low Power 8-pin Flash Microcontroller
More results


Similar Description - EM658160

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A8160TSC-4G ETRON-EM6A8160TSC-4G Datasheet
472Kb / 53P
4M x 16 DDR Synchronous DRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
4M x 16 bit Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com