Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9320 Datasheet (PDF) - Etron Technology, Inc.

EM6A9320 Datasheet PDF - Etron Technology, Inc.
Part # EM6A9320
Download  EM6A9320 Download
File Size   610.12 Kbytes
Page   16 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4M x 32 DDR SDRAM

EM6A9320 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM6A9320 Datasheet PDF - Etron Technology, Inc.

Part # EM6A9320
Download  EM6A9320 Click to download

File Size   610.12 Kbytes
Page   16 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4M x 32 DDR SDRAM

EM6A9320 Datasheet (HTML) - Etron Technology, Inc.


EM6A9320 Product details

Overview
The EM6A9320 DDR SDRAM is a high-speed CMOS double data rate synchronous DRAM containing 128 Mbits. It is internally configured as a quad 1M x 32 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CK).
   
Features
• Fast clock rate: 350/333/300/285/250/200 MHz
• Differential Clock CK & CK# input
• 4 Bi-directional DQS. Data transactions on both
    edges of DQS (1DQS / Byte)
• DLL aligns DQ and DQS transitions
• Edge aligned data & DQS output
• Center aligned data & DQS input
• 4 internal banks, 1M x 32-bit for each bank
• Programmable mode and extended mode registers
    - CAS# Latency: 3, 4, 5
    - Burst length: 2, 4, 8
    - Burst Type: Sequential & Interleave
• Full page burst length for sequential type only
• Start address of full page burst should be even
• All inputs except DQ’s & DM are at the positive
    edge of the system clock
• No Write-Interrupted by Read function
• 4 individual DM control for write masking only
• Auto Refresh and Self Refresh
• 4096 refresh cycles / 32ms
• Power supplies up to 350/333/300/285MHz:
    VDD = 2.8V ± 5%
    VDDQ = 2.8V ± 5%
• Power supplies up to 250/200MHz:
    VDD = 2.5V ± 5%
    VDDQ = 2.5V ± 5%
• Interface : SSTL_2 I/O compatible
• Standard 144-ball FBGA package
   




Similar Part No. - EM6A9320

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320 ETRON-EM6A9320 Datasheet
363Kb / 17P
4M x 32 DDR SDRAM
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
4M x 32 DDR SDRAM
EM6A9320BI-2.8 ETRON-EM6A9320BI-2.8 Datasheet
363Kb / 17P
4M x 32 DDR SDRAM
EM6A9320BI-3.0 ETRON-EM6A9320BI-3.0 Datasheet
363Kb / 17P
4M x 32 DDR SDRAM
EM6A9320BI-3.3 ETRON-EM6A9320BI-3.3 Datasheet
363Kb / 17P
4M x 32 DDR SDRAM
More results


Similar Description - EM6A9320

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
4M x 32 SDRAM / 2M x 8 SDRAM
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320_06 Datasheet
363Kb / 17P
4M x 32 DDR SDRAM
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com