|
General Description Mimix Broadband’s 36.0-42.0 GHz GaAs transmitter has a +17.0 dBm output third order intercept across the band. This device is a balanced, resistive pHEMT mixer followed by a distributed output amplifier and includes an integrated LO doubler and LO buffer amplifier.The use of integrated LO doubler and LO buffer amplifier makes the provision of the LO easier than for fundamental mixers at these frequencies. I and Q mixer inputs are provided and an external 90 degree hybrid is required. The device comes in a 7x7mm SMT package that is RoHS compliant.This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications. Features • Sub-harmonic, Image Reject Transmitter • Integrated Mixer, LO Doubler/Buffer & Output Amplifier • +17.0 dBm Output Third Order Intercept (OIP3) • +2.0 dBm LO Drive Level • 2.0 dB Conversion Gain • 7x7mm SMT Package • 100% RF and DC Testing
|