Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMA110 Datasheet (PDF) - Filtronic Compound Semiconductors

LMA110 Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA110
Download  LMA110 Download
File Size   106.34 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description .5-8GHz MESFET Amplifier

LMA110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA110 Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA110
Download  LMA110 Click to download

File Size   106.34 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description .5-8GHz MESFET Amplifier

LMA110 Datasheet (HTML) - Filtronic Compound Semiconductors


LMA110 Product details

Description
The Filtronic LMA110B is a GaAs monolithic distributive amplifier which operates from 0.5 to 8 GHz. This amplifier produces a typical gain of 12.5dB with a noise figure of 3.5dB. The LMA110B is suitable for wide-band low noise gain block, EW and commercial PCN applications. DC decoupled input and output RF port. Ground is provided to the circuitry through vias to the backside metallization.

Features
• 3.5dB Typical Noise Figure
• 12.5dB Typical Gain
• 12dBm Saturated Output Power
• 12dB Input/Output Return Loss Typical
• 0.5-6GHz Frequency Bandwidth
• +8 Volts Single Bias Supply
• DC Decoupled RF Input and Output
• Chip Size : 1.62mmX1.62mm (.064”X.064”)
• Chip Thickness : 100µm
• Pad Dimension : 100µm2




Similar Part No. - LMA110

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110 FILTRONIC-LMA110 Datasheet
80Kb / 3P
.5-6 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
.5-6 GHz MESFET Amplifier
More results


Similar Description - LMA110

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
.5-6 GHz MESFET Amplifier
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
2-10GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
2-18 GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
2-18 GHz MESFET Amplifier
logo
Tyco Electronics
MAAM28000 MACOM-MAAM28000 Datasheet
197Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8GHz
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
945Kb / 69P
Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 0; 2/06
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
logo
United Monolithic Semic...
CHA6015-99F UMS-CHA6015-99F Datasheet
1Mb / 14P
2-8GHz High Power Amplifier
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com