Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMA208G Datasheet (PDF) - Filtronic Compound Semiconductors

LMA208G Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA208G
Download  LMA208G Download
File Size   158.98 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-26GHz PHEMT Amplifier

LMA208G Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA208G Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA208G
Download  LMA208G Click to download

File Size   158.98 Kbytes
Page   4 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-26GHz PHEMT Amplifier

LMA208G Datasheet (HTML) - Filtronic Compound Semiconductors


LMA208G Product details

Description
The Filtronic LMA208G is a medium power PHEMT amplifier that operates from 2 to 26GHz. This 5-stage travelling wave amplifier provides 10dB nominal gain and 1-dB gain compression power output of greater than 19dBm. The LMA208G is designed for use as wideband driver amplifier in ECM (Electronic Counter-Measure) and commercial communication system applications. Ground is provided to the circuitry through vias to the backside metallization.

Features
• 10dB Typical Gain
• 19dBm 1-dB Gain Compression Power
• 15dB Input/Output Return Loss Typical
• 2-26GHz Frequency Bandwidth
• DC Decoupled RF Input and Output
• Chip Size : 1.986mmX1.082mm (.078”X.043”)
• Chip Thickness : 100µm
• Pad Dimension : 100µm2




Similar Part No. - LMA208G

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA208C FILTRONIC-LMA208C Datasheet
96Kb / 3P
2-26 GHz PHEMT Amplifier
More results


Similar Description - LMA208G

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
22-26GHz High Power Amplifier
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
logo
Filtronic Compound Semi...
LMA208C FILTRONIC-LMA208C Datasheet
96Kb / 3P
2-26 GHz PHEMT Amplifier
logo
SIRENZA MICRODEVICES
SUF-6000 SIRENZA-SUF-6000 Datasheet
132Kb / 4P
2-16 GHz Broadband pHEMT Amplifier
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
United Monolithic Semic...
CHA2441-QAG UMS-CHA2441-QAG_15 Datasheet
567Kb / 10P
22-26GHz Low Noise Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
17-26GHz Medium Power Amplifier
logo
Analog Devices
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com