Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMA444 Datasheet (PDF) - Filtronic Compound Semiconductors

LMA444 Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA444
Download  LMA444 Download
File Size   122.9 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 38GHz Medium Power Amplifier

LMA444 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA444 Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA444
Download  LMA444 Click to download

File Size   122.9 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 38GHz Medium Power Amplifier

LMA444 Datasheet (HTML) - Filtronic Compound Semiconductors


LMA444 Product details

Description
The LMA444 is a medium power PHEMT amplifier that operates from 37 to 40GHz. This 3-stage amplifier provides 15dB linear power gain with 1dB gain compression power output of greater than +21dBm. The LMA444 Millimeter Wave point to point and point to multi-point radio link applications. Ground is provided to the circuitry through vias to the backside metallization.

Typical Specifications
• +21dBm Output Power @ 1dB Gain Compression
• 15dB Typical Gain
• 10dB Input/Output Return Loss
• +5Volts Dual Bias Supply
• DC Decoupled RF Input and Output
• Chip Size : 0.95mmX2mm (.038”X.079”)
• Chip Thickness : 100µm (.004”)
• Pad Dimension : 100X100µm2




Similar Part No. - LMA444

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA441 FILTRONIC-LMA441 Datasheet
223Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA442 FILTRONIC-LMA442 Datasheet
224Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
31 GHz Medium Power Amplifier
More results


Similar Description - LMA444

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
19 - 38GHz Medium Power Amplifier
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com