Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD667A Datasheet (PDF) - Continental Device India Limited

CLD667A Datasheet PDF - Continental Device India Limited
Part # CLD667A
Download  CLD667A Download
File Size   123.95 Kbytes
Page   4 Pages
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited
Description NPN SILICON PLANAR EPITAXIAL TRANSISTORS

CLD667A Datasheet (PDF)

Go To PDF Page Download Datasheet
CLD667A Datasheet PDF - Continental Device India Limited

Part # CLD667A
Download  CLD667A Click to download

File Size   123.95 Kbytes
Page   4 Pages
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited
Description NPN SILICON PLANAR EPITAXIAL TRANSISTORS

CLD667A Datasheet (HTML) - Continental Device India Limited




Similar Part No. - CLD667A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CLD SENSORTECHNICS-CLD Datasheet
58Kb / 3P
Continuous Level Detection Sensors
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
logo
Tyco Electronics
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Delay on operate timing mode
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Compact Time Delay Relay
logo
Cree, Inc
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
Cree짰 XLamp짰 XH Family LEDs
rev 0A
More results


Similar Description - CLD667A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results




About Continental Device India Limited


Continental Device India Limited (CDIL) is a semiconductor company based in India that was established in 1964. The company specializes in the design, development, and manufacturing of a wide range of semiconductor devices, including diodes, transistors, MOSFETs, thyristors, and ICs (integrated circuits).

CDIL's products are used in a variety of applications, including power supplies, lighting, communication equipment, automotive electronics, and industrial automation. The company's products are known for their high quality, reliability, and performance.

CDIL has a strong focus on research and development and invests heavily in new technologies to improve its products and manufacturing processes. The company has a state-of-the-art manufacturing facility in India that is equipped with advanced equipment and employs a team of highly skilled engineers and technicians.

CDIL is committed to sustainability and environmental responsibility. The company has implemented a number of initiatives to reduce its environmental impact, including energy conservation, waste reduction, and the use of eco-friendly materials.

Overall, CDIL is a trusted provider of high-quality semiconductor products for a variety of industries. Its commitment to innovation, quality, and sustainability has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com